Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 34Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 35Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 36Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 37Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 38Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 39Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 40Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 41Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Table 2.19
Reset timing (2 of 2)
Parameter
Symbol Min Typ Max
Unit Test conditions
Wait time after internal reset cancellation
(IWDT reset, WDT reset, software reset, SRAM parity error reset, SRAM ECC error
reset, bus master MPU error reset, TrustZone error reset)
tRESW2 —
324 397.7 µs
—
VCC
RES
Internal reset signal
(low is valid)
tRESWP
tRESWT
VCCmin
Figure 2.12
RES pin input timing under the condition that VCC exceeds VPOR voltage threshold
RES
Internal reset signal
(low is valid)
tRESWD, tRESWS, tRESW
tRESWT
Figure 2.13
Reset input timing
2.3.4
Wakeup Timing
Table 2.20
Timing of recovery from low power modes (1 of 2)
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Recovery time from
Software Standby
mode*1
Crystal resonator
connected to main clock
oscillator
System clock source is
main clock oscillator*2
tSBYMC*13 —
2.1
2.4
ms
Figure 2.14
The division ratio of all
oscillators is 1.
System clock source is
PLL with main clock
oscillator*3
tSBYPC*13 —
2.2
2.6
ms
External clock input to
main clock oscillator
System clock source is
main clock oscillator*4
tSBYEX*13 —
45
125
μs
System clock source is
PLL with main clock
oscillator*5
tSBYPE*13 —
170
255
μs
System clock source is sub-clock oscillator*6 *11
tSBYSC*13 —
0.7
0.8
ms
System clock source is LOCO*7 *11
tSBYLO*13 —
0.7
0.9
ms
System clock source is HOCO clock oscillator*8
tSBYHO*13 —
55
130
µs
System clock source is PLL with HOCO*9
tSBYPH*13 —
175
265
µs
System clock source is MOCO clock oscillator*10
tSBYMO*13 —
35
65
µs
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 38 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com