Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 56Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 57Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 58Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 59Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 60Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 61Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 62Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 63Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
SDAn
SCLn
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Sr*1
Note:
n = 0, 1
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.43
I2C bus interface input/output timing
2.3.12
SSIE Timing
Table 2.31
SSIE timing
(1) High drive output is selected with the Port Drive Capability bit in the PmnPFS register.
(2) Use pins that have a letter appended to their names, for instance “_A” or “_B” to indicate group membership. For the SSIE interface, the
AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Target specification
Unit
Comments
Min.
Max.
SSIBCK0
Cycle
Master
tO
80
—
ns
Figure 2.44
Slave
tI
80
—
ns
High level/ low
level
Master
tHC/tLC
0.35
—
tO
Slave
0.35
—
tI
Rising time/
falling time
Master
tRC/tFC
—
0.15
tO / tI
Slave
—
0.15
tO / tI
SSILRCK0/
SSIFS0,
SSITXD0,
SSIRXD0
Input set up
time
Master
tSR
12
—
ns
Figure 2.46,
Figure 2.47
Slave
12
—
ns
Input hold time
Master
tHR
8
—
ns
Slave
15
—
ns
Output delay
time
Master
tDTR
-10
5
ns
Slave
0
20
ns
Figure 2.46,
Figure 2.47
Output delay
time from
SSILRCK0/
SSIFS0 change
Slave
tDTRW
—
20
ns
Figure 2.48*1
GTIOC2A,
AUDIO_CLK
Cycle
tEXcyc
20
—
ns
Figure 2.45
High level/ low level
tEXL/tEXH
0.4
0.6
tEXcyc
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 60 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com