Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 61Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 62Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 63Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 64Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 65Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 66Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 67Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 68Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Observation
point
50 pF
50 pF
USB_DP
USB_DM
27
Figure 2.53
Test circuit in full-speed mode
Table 2.35
USBFS characteristics (USB_DP and USB_DM pin characteristics)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, 2.7 ≤ VREFH0/VREFH ≤ AVCC0, USBCLK = 48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Battery Charging
Specification
D+ sink current
IDP_SINK
25
—
175
µA
—
D- sink current
IDM_SINK
25
—
175
µA
—
DCD source current
IDP_SRC
7
—
13
µA
—
Data detection voltage
VDAT_REF
0.25
—
0.4
V
—
D+ source voltage
VDP_SRC
0.5
—
0.7
V
Output current = 250 µA
D- source voltage
VDM_SRC
0.5
—
0.7
V
Output current = 250 µA
2.5
ADC12 Characteristics
Table 2.36
A/D conversion characteristics for unit 0 (1 of 2)
Conditions: PCLKC = 1 to 50 MHz
Parameter
Min
Typ Max Unit Test conditions
Frequency
1
—
50
MHz —
Analog input capacitance
—
—
30
pF
—
Quantization error
—
±0.5 —
LSB —
Resolution
—
—
12
Bits
—
High-precision high-speed
channels
(AN000 to AN002)
Conversion time*1
(operation at PCLKC =
50 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.52 (0.26)*2 —
—
μs
Sampling in 13
states
Max. = 400 Ω
0.40 (0.14)*2 —
—
μs
Sampling in 7
states
VCC = AVCC0 =
3.0 to 3.6 V
3.0 V ≤ VREFH0 ≤
AVCC0
Offset error
—
±1.0 ±2.5 LSB —
Full-scale error
—
±1.0 ±2.5 LSB —
Absolute accuracy
—
±2.0 ±4.5 LSB —
DNL differential nonlinearity error
—
±0.5 ±1.5 LSB —
INL integral nonlinearity error
—
±1.0 ±2.5 LSB —
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 65 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com