Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 38Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 39Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 40Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 41Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 42Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 43Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 44Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 45Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Note:
200 ns minimum in Software Standby mode.
Note:
If the clock source is switched, add 4 clock cycles of the switched source.
Note 1. tPcyc indicates the PCLKB cycle.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock.
tNMIW
NMI
Figure 2.17
NMI interrupt input timing
tIRQW
IRQ
Figure 2.18
IRQ interrupt input timing
2.3.6
I/O Ports, POEG, GPT, AGT, and ADC12 Trigger Timing
Table 2.22
I/O ports, POEG, GPT, AGT, and ADC12 trigger timing
GPT32 Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
I/O ports
Input data pulse width
tPRW
1.5
—
tPcyc
Figure 2.19
POEG
POEG input trigger pulse width
tPOEW
3
—
tPcyc
Figure 2.20
GPT
Input capture pulse width
Single edge
tGTICW
1.5
—
tPDcyc
Figure 2.21
Dual edge
2.5
—
GTIOCxY output skew
(x = 0 to 3, Y = A or B)
Middle drive buffer
tGTISK*1
—
4
ns
Figure 2.22
High drive buffer
—
4
GTIOCxY output skew
(x = 4 to 7, Y = A or B)
Middle drive buffer
—
4
High drive buffer
—
4
GTIOCxY output skew
(x = 0 to 7, Y = A or B)
Middle drive buffer
—
6
High drive buffer
—
6
OPS output skew
GTOUUP, GTOULO, GTOVUP,
GTOVLO, GTOWUP, GTOWLO
tGTOSK
—
5
ns
Figure 2.23
AGT
AGTIO, AGTEE input cycle
tACYC*2
100
—
ns
Figure 2.24
AGTIO, AGTEE input high width, low width
tACKWH, tACKWL
40
—
ns
AGTIO, AGTO, AGTOA, AGTOB output cycle
tACYC2
62.5
—
ns
ADC12
ADC12 trigger input pulse width
tTRGW
1.5
—
tPcyc
Figure 2.25
Note:
tPcyc: PCLKB cycle, tPDcyc: PCLKD cycle.
Note 1. This skew applies when the same driver I/O is used. If the I/O of the middle and high drivers is mixed, operation is not guaranteed.
Note 2. Constraints on input cycle:
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 42 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com