Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 78Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 79Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 80Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 81Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 82Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 83Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 84Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 85Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
Appendix 1.
Port States in Each Processing Mode
Function
Pin function
Reset
Software Standby mode
Deep Software
Standby mode
After Deep Software Standby
mode is canceled (return to
startup mode)
IOKEEP = 0
IOKEEP = 1*1
Mode
MD
Pull-up
Keep-O
Keep
Hi-Z
Keep
JTAG
TCK/TMS/TDI
Pull-up
Keep-O
Keep
Hi-Z
Keep
TDO
output
Keep-O
Keep
TDO output
Keep
IRQ
IRQx
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
IRQx-DS
Hi-Z
Keep-O*2
Keep*3
Hi-Z
Keep
AGT
AGTIOn
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
AGTIOn (n=1,3)
Hi-Z
Keep-O*2
Keep*3
Hi-Z
Keep
SCI
RXD0
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
IIC
SCLn/SDAn
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
USBFS
USB_OVRCURx
Hi-Z
Keep-O*2
Keep
Hi-Z
Keep
USB_OVRCURx-DS/
USB_VBUS
Hi-Z
Keep-O*2
Keep*3
Hi-Z
Keep
USB_DP/USB_DM
Hi-Z
Keep-O*4
Keep*3
Hi-Z
Keep
RTC
RTCICx
Hi-Z
Keep-O*2
Keep*3
Hi-Z
Keep
RTCOUT
Hi-Z
[RTCOUT selected] RTCOUT output
Keep
Hi-Z
Keep
CLKOUT
CLKOUT
Hi-Z
[CLKOUT selected] CLKOUT output
Keep
Hi-Z
Keep
DAC
DAn
Hi-Z
[DAn output (DAOE = 1)] D/A output retained
Keep
Hi-Z
Keep
Others
—
Hi-Z
Keep-O
Keep
Hi-Z
Keep
Note:
H: High-level
L: Low-level
Hi-Z: High-impedance
Keep-O: Output pins retain their previous values. Input pins go to high-impedance.
Keep: Pin states are retained during periods in Software Standby mode.
Note 1. Retains the I/O port state until the DPSBYCR.IOKEEP bit is cleared to 0.
Note 2. Input is enabled if the pin is specified as the Software Standby canceling source while it is used as an external interrupt pin.
Note 3. Input is enabled if the pin is specified as the Deep Software Standby canceling source.
Note 4. Input is enabled while the pin is used as an input pin.
RA4M2 Datasheet
Appendix 1. Port States in Each Processing Mode
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 82 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com