Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 21Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 22Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 23Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 24Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 25Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 26Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 27Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 28Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.6
I/O VOH, VOL, and other characteristics
Parameter
Symbol Min
Typ Max Unit Test conditions
Output voltage
IIC
VOL
—
—
0.4
V
IOL = 3.0 mA
VOL
—
—
0.6
IOL = 6.0 mA
IIC*1
VOL
—
—
0.4
IOL = 15.0 mA (ICFER.FMPE = 1)
VOL
—
0.4 —
IOL = 20.0 mA (ICFER.FMPE = 1)
Ports P205, P206, P407 to
P415, P708 (total 12 pins)*2
VOH
VCC – 1.0 —
—
IOH = –20 mA
VCC = 3.3 V
VOL
—
—
1.0
IOL = 20 mA
VCC = 3.3 V
Other output pins
VOH
VCC – 0.5 —
—
IOH = –1.0 mA
VOL
—
—
0.5
IOL = 1.0 mA
Input leakage current
RES
|Iin|
—
—
5.0
µA
Vin = 0 V
Vin = 5.5 V
Port P200
—
—
1.0
Vin = 0 V
Vin = VCC
Three-state leakage current
(off state)
5 V-tolerant ports
|ITSI|
—
—
5.0
µA
Vin = 0 V
Vin = 5.5 V
Other ports (except for port
P200)
—
—
1.0
Vin = 0 V
Vin = VCC
Input pull-up MOS current
Ports P0 to P7
Ip
–300
—
–10 µA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input capacitance
Ports P014, P015
Cin
—
—
16
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
USB_DP and USB_DM
—
—
12
Ports P400, P401
—
—
10
Other input pins
—
—
8
Note 1. SCL0_A, SDA0_A (total 2 pins).
Note 2. This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register.
The selected driving ability is retained in Deep Software Standby mode.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 25 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com