Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 18Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 19Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 20Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 21Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 22Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 23Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 24Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 25Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Caution: Permanent damage to the MCU might result if absolute maximum ratings are exceeded.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC
When USB is not used
2.7
—
3.6
V
When USB is used
3.0
—
3.6
V
VSS
—
0
—
V
USB power supply voltages
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
V
VBATT power supply voltage
VBATT
1.65*2
—
3.6
V
Analog power supply voltages
AVCC0*1
—
VCC
—
V
AVSS0
—
0
—
V
Note 1. Connect AVCC0 to VCC. When the A/D converter and the D/A converter are not in use, do not leave the AVCC0, VREFH/VREFH0,
AVSS0, and VREFL/VREFL0 pins open. Connect the AVCC0 and VREFH/VREFH0 pins to VCC, and the AVSS0 and VREFL/
VREFL0 pins to VSS, respectively.
Note 2. Low CL crystal cannot be used below VBATT = 1.8V.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +105°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
125
°C
High-speed mode
Low-speed mode
Subosc-speed mode
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL (1 of 2)
Parameter
Symbol Min
Typ Max
Unit
Input voltage
(except for
Schmitt trigger
input pins)
Peripheral
function pin
EXTAL (external clock input), SPI (except RSPCK)
VIH
VCC ×
0.8
—
—
V
VIL
—
—
VCC × 0.2
IIC (SMBus)
VIH
2.1
—
VCC + 3.6
(max 5.8)
VIL
—
—
0.8
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 22 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com