Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 47Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 48Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 49Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 50Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 51Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 52Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 53Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 54Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
2.3.9
SPI Timing
Table 2.27
SPI timing
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
SPI
RSPCK clock cycle
Master
tSPcyc
2
4096
tPcyc
Figure 2.34
Slave
4
4096
RSPCK clock high
pulse width
Master
tSPCKWH
(tSPcyc – tSPCKr – tSPCKf) /
2 – 3
—
ns
Slave
0.4
0.6
tSPcyc
RSPCK clock low
pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr – tSPCKf) /
2 – 3
—
ns
Slave
0.4
0.6
tSPcyc
RSPCK clock rise and
fall time
Master
tSPCKr, tSPCKf —
5
ns
Slave
—
1
µs
Data input setup time
Master
tSU
4
—
ns
Figure 2.35 to Figure
2.40
Slave
5
—
Data input hold time
Master
(PCLKA
division ratio
set to 1/2)
tHF
0
—
ns
Master
(PCLKA
division ratio
set to a value
other than
1/2)
tH
tPcyc
—
Slave
tH
20
—
SSL setup time
Master
tLEAD
N × tSPcyc - 10*1
N × tSPcyc +
100*1
ns
Slave
4 × tPcyc
—
ns
SSL hold time
Master
tLAG
N × tSPcyc - 10*2
N × tSPcyc +
100*2
ns
Slave
4 × tPcyc
—
ns
Data output delay
Master
tOD1
—
6.3
ns
tOD2
—
6.3
Slave
tOD
—
20
Data output hold time
Master
tOH
0
—
ns
Slave
0
—
Successive
transmission delay
Master
tTD
tSPcyc + 2 × tPcyc
8 × tSPcyc + 2
× tPcyc
ns
Slave
4 × tPcyc
MOSI and MISO rise
and fall time
Output
tDr, tDf
—
5
ns
Input
—
1
µs
SSL rise and fall time
Output
tSSLr, tSSLf
—
5
ns
Input
—
1
µs
Slave access time
tSA
—
25
ns
Figure 2.39 and
Figure 2.40
Slave output release time
tREL
—
25
Note:
tPcyc: PCLKA cycle.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 51 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com