Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 85Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 86Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 87Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 88Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 89Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 90Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 91Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 92Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 93Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Table A3.2
Access cycles (2 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
SDHI0, SSIE0,
IICn, IIC0WU
0x4009_2000
0x4009_FFFF
5
4
2 to 5
2 to 4
PCLKB
SD Host Interface
0, Serial Sound
Interface Enhanced,
Inter-Integrated Circuit
n, Inter-Integrated
Circuit 0 Wake-up Unit
CANn
0x400A_8000
0x400A_9FFF
5
4
2 to 5
2 to 4
PCLKB
CANn Module
CTSU
0x400D_0000
0x400D_FFFF
4
3
1 to 4
1 to 3
PCLKB
Capacitive Touch
Sensing Unit
PSCU
0x400E_0000
0x400E_0FFF
5
4
2 to 5
2 to 4
PCLKB
Peripheral Security
Control Unit
AGTn
0x400E_8000
0x400E_8FFF
7
4
5 to 7
2 to 4
PCLKB
Low Power
Asynchronous
General purpose
Timer n
TSN
0x400F_3000
0x400F_3FFF
5
4
2 to 5
2 to 4
PCLKB
Temperature Sensor
CRC, DOC
0x4010_8000
0x4010_9FFF
5
4
2 to 5
2 to 4
PCLKA
CRC Calculator, Data
Operation Circuit
SCIn
0x4011_8000
0x4011_8FFF
5*2
4*2
2 to 5*2
2 to 4*2
PCLKA
Serial Communication
Interface n
SPIn
0x4011_A000
0x4011_AFFF
5*3
4*3
2 to 5*3
2 to 4*3
PCLKA
Serial Peripheral
Interface n
SCE9
0x4016_1000
0x4016_1FFF
6
4
3 to 6
2 to 4
PCLKA
Secure Cryptographic
Engine
GPT32n, GPT16n,
GPT_OPS
0x4016_9000
0x4016_9FFF
7
4
4 to 7
2 to 4
PCLKA
General PWM 32-Bit
Timer n, General
PWM 16-Bit Timer
n, Output Phase
Switching Controller
ADC12n, DAC12
0x4017_0000
0x4017_2FFF
5
4
2 to 5
2 to 4
PCLKA
12bit A/D Converter n,
12-bit D/A converter
QSPI
0x6400_0000
0x6400_000F
5
14 to *4
2 to 5
14 to *4
PCLKA
Quad-SPI
QSPI
0x6400_0010
0x6400_0013
25 to *4
6 to *4
25 to *4
5 to *4
PCLKA
Quad-SPI
QSPI
0x6400_0014
0x6400_0037
5
14 to *4
2 to 5
14 to *4
PCLKA
Quad-SPI
QSPI
0x6400_0804
0x6400_0807
4
3
1 to 4
1 to 3
PCLKA
Quad-SPI
Table A3.2
Access cycles (3 of 3)
Peripherals
Address
Number of access cycles
ICLK = FCLK
ICLK > FCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
FLAD, FACI
0x407F_C000
0x407F_EFFF
3
3
2 to 3
2 to 3
FCLK
Data Flash, Flash
Application Command
Interface
Note 1. If the number of PCLK or FCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the
maximum value is rounded up to the decimal point. For example, 1.5 to 2. 5 is 1 to 3.
Note 2. When accessing a 16-bit register (FTDRHL, FRDRHL, FCR, FDR, LSR, and CDR), access is 2 cycles more than the value shown in
Table A3.2. When accessing an 8-bit register (including FTDRH, FTDRL, FRDRH, and FRDRL), the access cycles are as shown in
Table A3.2.
Note 3. When accessing the 32-bit register (SPDR), access is 2 cycles more than the value in Table A3.2. When accessing an 8-bit or 16-bit
register (SPDR_HA), the access cycles are as shown in Table A3.2.
Note 4. The access cycles depend on the QSPI bus cycles.
RA4M2 Datasheet
Appendix 3. I/O Registers
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 90 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com