Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 10Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 11Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 12Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 13Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 14Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 15Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 16Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 17Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Table 1.15
Pin functions (3 of 4)
Function
Signal
I/O
Description
SPI
RSPCKA
I/O
Clock input/output pin
MOSIA
I/O
Input or output pins for data output from the master
MISOA
I/O
Input or output pins for data output from the slave
SSLA0
I/O
Input or output pin for slave selection
SSLA1 to SSLA3
Output
Output pins for slave selection
CAN
CRXn
Input
Receive data
CTXn
Output
Transmit data
USBFS
VCC_USB
Input
Power supply pin
VSS_USB
Input
Ground pin
USB_DP
I/O
D+ pin of the USB on-chip transceiver. Connect this pin to the D+
pin of the USB bus.
USB_DM
I/O
D- pin of the USB on-chip transceiver. Connect this pin to the D- pin
of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. Connect this pin to VBUS of the
USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a function controller.
USB_EXICEN
Output
Low-power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins.
Connect the VBUS comparator signals to these pins when the OTG
power supply chip is connected.
USB_OVRCURA-DS
Input
Overcurrent pins for USBFS that can also be used in Deep Software
Standby mode.
Connect the external overcurrent detection signals to these pins.
Connect the VBUS comparator signals to these pins when the OTG
power supply chip is connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during
operation in OTG mode
QSPI
QSPCLK
Output
QSPI clock output pin
QSSL
Output
QSPI slave output pin
QIO0 to QIO3
I/O
Data0 to Data3
SSIE
SSIBCK0
I/O
SSIE serial bit clock pins
SSILRCK0/SSIFS0
I/O
LR clock/frame synchronization pins
SSITXD0
Output
Serial data output pin
SSIRXD0
Input
Serial data input pin
AUDIO_CLK
Input
External clock pin for audio (input oversampling clock)
SDHI/MMC
SD0CLK
Output
SD/MMC clock output pins
SD0CMD
I/O
Command output pin and response input signal pins
SD0DAT0 to SD0DAT3
I/O
SD/MMC data bus pins
SD0CD
Input
SD/MMC card detection pins
SD0WP
Input
SD/MMC write-protect signals
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 14 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com