Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 20Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 21Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 22Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 23Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 24Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 25Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 26Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 27Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 23
Internally, the supply regulators are not connected to the actual image sensor. Connections
have to be made on PCB level (from a Vxx_H/L_OUT pin to a Vxx_H/L_IN pin). In addition,
each supply regulator requires to be decoupled by a 10 µF and 100 nF capacitor.
ams OSRAM recommends to use at least X7R-rated ceramic capacitors.
To obtain an accurate bias reference in the sensor, an external bias resistor of 15.2 k
Ω must
be placed between BIAS_IDAC_RES and ground. It is advised to use a low tolerance (± 1%)
and low temperature coefficient (50 ppm/°C or better).
Next figure shows the positive and negative voltage regulator as well as the bias connections.
Figure 15:
On-Chip Regulators Connection Diagram
After power-up of the sensor, the recommended register settings will set the correct supply
levels for these regulators. Figure 15 gives an overview of the available supply regulators, the
connection to the bias pin and the required voltage on that pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com