Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 9Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 10Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 11Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 12Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 13Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 14Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 15Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 16Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 12
6
Typical Operating Characteristics
6.1
Electro-Optical Characteristics
Below are the typical electro-optical specifications of CSG14K_CSG8K, when operated in the
12-bit default mode. These are typical values with typical supplies at room temperature.
Figure 7:
Electro-Optical Characteristics
Parameter
Value
Remark
Active pixels
3856 (H) × 3600 (V)
CSG14K
3856 (H) × 2176 (V)
CSG8K
Pixel pitch
3.2 × 3.2 µm2
Optical format
1”
Pixel type
Global shutter
with true CDS
Allows fixed pattern noise correction and
reset (kTC) noise canceling by true
correlated double sampling (true-CDS).
Shutter type
Pipelined global shutter
Exposure of next image during readout of
the previous image.
Full well chargesat
10500 e-
Normal mode, 8 lux conditions
Conversion gain
0.39 DN/e-
Normal mode, unity gain
Responsivity
0.254 DN/photon
0.276 A/W
@510 nm (with micro-lenses)
Temporal noise
3.7 e-
Normal mode
Dynamic range
69.1 dB
Normal mode
SNRMAX
40.2 dB
Normal mode
Shutter efficiency
1/PLS
1/11130
At 520 nm, f/8.
Dark current (DC)
32.9 e-/s
@ 60 °C sensor junction temperature
DC doubling
6.59 °C
The DC doubles every 6.59 °C increase
DCNU
16.2 e-/s
Dark current non uniformity
@60 °C sensor temperature
DSNU1288
1.9 e-
Dark signal non uniformity
PRNU1288
0.74 %
Photo response non-uniformity
RMS of signal
Quantum efficiency
64 / 66 / 51 / 10 %
51 / 60 / 44 %
@ 450 / 510 / 600 / 850 nm (mono)
@ 450 / 510 / 600 nm (color)
Quantum Efficiency (with micro-lenses)
Color filters
Optional
RGB bayer pattern
Sub-LVDS outputs
16 Data
1 Control
1 Clock
2 OB
Less outputs selectable at reduced frame
rate
Output interface bit rate
1.25 Gbit/s
Per data channel (maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com