Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 17Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 18Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 19Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 20Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 21Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 22Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 23Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 24Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 20
7.1.4
DPP
The DPP blocks perform digital operations on the visible pixel data: digital offset, digital gain,
row noise correction.
7.1.5
Sub-LVDS Outputs
The sensor has 16 data channels to output the processed data. Every channel outputs the
data of 480 columns when reading the recommended pixel array. Multiplexing the data on
fewer outputs is supported as well.
7.1.6
Sequencer
The on-chip sequencer will generate all required control signals to operate the sensor from
only a few external control signals. This sequencer can be activated and programmed through
the SPI interface.
The sequencer includes the following features:
●
SPI protocol and register banks management.
●
Exposure and frame timing generation based on external inputs or internal settings.
●
Dual exposure HDR mode.
●
Y-windowing, Y-subsampling and binning.
●
Statistics data gathering.
7.1.7
SPI Interface
The SPI interface is used to load the on-chip registers with settings to configure the image
sensor. Features like exposure time, windowing, and subsampling are programmed using this
interface. The settings in the on-chip registers can also be read back for test and debug of the
surrounding system.
7.1.8
Temperature Sensor
Two on-chip thermal sensors are included (one on the top right side and one on the bottom
right side of the pixel array). The temperature data is read out through the SPI interface.
7.1.9
PLL
Various clock frequencies are required internally to operate the sensor. These are derived
from a single input frequency using an on-chip PLL. Through configuration over SPI, a range
of input clock frequencies is supported.
The main internal clocks are:
●
CLK_ADC is the PLL output clock and is used to operate the ADC.
●
CLK_SER is the sub-LVDS output clock (625 MHz for 1.25 Gbit/s).
●
CLK_PIX is the pixel clock and has a ratio of:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com