Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 11Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 12Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 13Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 14Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 15Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 16Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 17Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 18Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 14
The following table details the expected typical performance in the various readout
configuration modes.
Figure 8:
Typical Performance Values for the Various Readout Configurations
Parameter
10 b Default
(IMG.1)
10 b Short
Exp. Mode
(IMG.2)
10 b Small
Window Mode
(IMG.3)
12 b Default
(IMG.4)
12 b Short
Exp. Mode
(IMG.5)
12 b Binning
Mode
(IMG.7)
ADC resolution
10 b
12 b
Output image
resolution
(recommended
pixels) for
CSG14K
3840 (h)
3584 (v)
3840 (h)
400 (v)
3840 (h)
3584 (v)
1920 (h)
1792 (v)
Output image
resolution
(recommended
pixels) for
CSG8K
3840 (h)
2160 (v)
3840 (h)
400 (v)
3840 (h)
2160 (v)
1920 (h)
1080 (v)
Full well
charge
10100 e-
9700 e-
10500 e-
40500 e-
Conversion
gain
0.10 DN/e-
0.39 DN/e-
0.10 DN/e-
Temp. noise
5.6 e-
3.7 e-
12.7 e-
Dynamic range
65.1 dB
65.1 dB
64.9 dB
69.1 dB
69.1 dB
70.3 dB
SNRMAX
40 dB
40 dB
39.9 dB
40.2 dB
40.2 dB
46.1 dB
DSNU (1288)
1.9 e-
1.8 e-
20.7 e-
1.9 e-
1.7 e-
3.4 e-
Maximum FR
at
recommended
resolution
(CSG14K)
140 fps
140 fps
NA
93 fps
93 fps
124 fps
Maximum FR
at
recommended
resolution
(CSG8K)
231 fps
228 fps
NA
154 fps
155 fps
204 fps
Maximum FR
(100 lines ROI,
100 µs
exposure time)
3717 fps
2947 fps
4793 fps
1396 fps
2215 fps
3065 fps
Minimum
exposure time
(texp,min)
36.7 μs
7.9 μs
11.2
μs
36.4
μs
7.9 μs
36.9 μs
Maximum
exposure time
(texp,max)
NA
100 µs
NA
NA
100 µs
NA
I/F DR (at
maximum FR)
1250 Mbit/s
1250 Mbit/s
1250 Mbit/s
1000 Mbit/s
1000 Mbit/s
1000 Mbit/s
Power
consumption
2.02 W
2.23 W
2.19 W
1.93 W
2.13 W
1.86 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com