Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 7Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 8Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 9Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 10Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 11Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 12Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 13Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 14Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Electrical Characteristics
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 10
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Figure 6:
Electrical Characteristics of CSG14K_CSG8K
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power Supplies
VDD12
Logic supply voltage of
digital core
1.25
1.28
1.32
V
VDD12_PLL
Logic supply voltage of
PLL analog
1.25
1.28
1.32
V
VDD12C
Logic supply voltage of
ADC
1.25
1.28
1.32
V
VDD33D
I/O supply voltage for
CMOS I/O’s
3.25
3.30
3.35
V
VDD33
Main analog supply
voltage
3.25
3.30
3.35
V
VDDPIX
Pixel array supply voltage
3.25
3.30
3.35
V
VDD45
Positive regulators
4.4
4.5
4.6
V
VSSNEG
Negative regulators
-1.4
-1.3
-1.2
V
IDD12
Supply current(1)
Idle
Running
306
321
mA
IDD12_PLL
Supply current(1)
Idle
Running
13
13
mA
IDD12C
Supply current(1)
Idle
Running
105
151
mA
IDD33D
Supply current(1)
Idle
Running
116
116
mA
IDD33
Supply current(1)
Idle
Running
246
251
mA
IDDPIX
Supply current(1)
Idle
Running
106
106
mA
IDD45
Supply current(1)
Idle
Running
25
25
mA
ISSNEG
Supply current(1)
Idle
Running
125
126
mA
Ptot
Total power consumption(1)
Idle
Running
2.0
W
Tpu1
Settling time after VDD45
power-up
100
-
-
µs
Tpd1
Settling time after
VSSNEG powerdown
100
-
-
µs
Digital I/O
VIH
High level input voltage
0.7*VDD33
VDD33
V
VIL
Low level input voltage
0
0.3*VDD33
V
VOH
High level output voltage
IOH=12 mA
VDD33-0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com