Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 51Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 52Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 53Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 54Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 55Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 56Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 57Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 58Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 54
7.4
Configuring the Sensor
This section provides detailed recipes for configuring the sensor in a certain operation mode.
Refer to sections 7.5.1 and 7.6 for details on sensor exposure control and reading out
images.
7.4.1
Image Modes
The sensor supports a number of images modes, listed in the table below, targeted for
different use-cases. Each image mode corresponds to an optimized sensor configuration,
resulting in an optimal sensor performance for each use-case (e.g. maximum framerate,
output resolution, power consumption, dynamic
range …, see also Figure 8). Depending on
the selected image mode, specific sensor settings (as defined in the following sections) will be
applicable.
Figure 57:
Image Modes
Image Modes
Description
IMG.1
10-bit default mode
IMG.2
10-bit short exposure mode
IMG.3
10-bit small window mode
IMG.4
12-bit default mode
IMG.5
12-bit short exposure mode
IMG.7
12-bit binning mode
Information
Depending on the image mode chosen, additional limitations may apply to the maximum
internal clock rate of the sensor (PLL configuration), and resulting maximum output data
rate. See section 7.4.3
, subsection “Set PLL” for details.
10-Bit and 12-Bit Default Modes (IMG.1 and IMG.4)
The 10-bit and 12-bit default modes implement the most generic readout mode, targeting a
full sensor readout at maximum resolution.
Figure 58 shows the pixel readout area and corresponding output image properties in case
the horizontal and vertical ROI are set to the recommended values and OB channel readout is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com