Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 92 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 92 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 88Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 89Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 90Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 91Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 92Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 93Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 94Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 95Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 96Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 91
The digital gain is applied after the black level correction. This means that changing the digital
gain setting does not require any of the offset correction settings to be updated.
7.7.3
Compression
Figure 115:
Compression Registers
Register Name
Bank
Addr
Bits
Description
COMPRESS_EN
0
65
[0:0]
0: Disable digital compression
1: Enable digital compression
COMPRESS_KNEEPOINT
0
66
[12:0]
Threshold above which data is
compressed
COMPRESS_RATIO
0
68
[1:0]
Compression number
0: Ratio 2
1: Ratio 4
2: Ratio 8
3: Ratio 16
OUTP_BITMODE
0
7
[1:0]
Pixel data width of the output channels
0: Unused
1: 10-bit data
2: 12-bit data
The sensor can digitally compress the output pixel data as shown in the figure below.
Figure 116:
Digital Data Compression
Pixel values below the knee point (Pk) are not compressed (1:1 mapping); pixel values above
the knee point are compressed with a ratio of 1 over COMPRESS_RATIO. At the receiver
side, the original pixel levels can be reconstructed (except for the LSB bits for pixels above
Pk).
After limiting the output level to a lower number of bits that the input level, the framerate can
be increased by trimming the width of the output data channels, with OUTP_BITMODE.
Input
Level
Output
Level
Pk
1:1
1:2
1:4
1:8
Pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com