Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 64Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 65Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 66Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 67Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 68Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 69Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 70Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 71Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 67
Figure 74:
Calculation Examples
Parameter
Example 1
Example 2
Image mode
IMG.1
IMG.4
fclk_in
12 MHz
12 MHz
Targeted data rate
1190 Mbit/s
1000 Mbit/s
PLL_WRAP_ADC_DIV
1
0
PLL_WRAP_MAIN_DIV
1
1
PLL_DIV
198
166
RG_CTRL
21
31
Effective data rate(1)
1188 Mbit/s
966 Mbit/s
(1)
The effective data rate is equal to the available bandwidth and does not take into account any overhead data.
As described in section 7.2.2, a PLL lock time of maximum 1 ms needs to be respected. The
lock status of a PLL can be checked by polling the read-only PLL_LOCK register.
The PLL_LOCK registers are only present in the two sequencers. The bottom-side sequencer
(with BLOCK_ID 0) holds the lock information of the bottom-side PLL. The top-side sequencer
(with BLOCK_ID 1) holds the lock information of the top-side PLL.
Figure 75:
PLL Lock Register
Register Name
Bank
Addr
Read Value
PLL_LOCK
0
85
0: PLL out of lock
1: PLL locked
Set Data Interface
The sensor’s pixel data is transmitted over its sub-LVDS output channels. More information
on the output interface and low-level timing can be found in section 7.3. Figure 45 shows the
required register uploads to set the output format.
Figure 76:
Output Format Registers
Register
Bank
Address
Value
OUTP_FORMAT
0
8
0
PLL_WRAP_MAIN_DIV
0
87
1
CLKGEN_BYTE_H
1
8
2
CLKGEN_BYTE_L
1
9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com