Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 83Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 84Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 85Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 86Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 87Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 88Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 89Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 90Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 91Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 86
the same time. As the maximal valid image width is 3856 columns, a complete row is
transferred in 482 word cycles when utilizing all outputs.
Reduced Number of Data Channels
In many applications, it is not mandatory to use all data channels (for example when reading
a limited horizontal ROI or when operating the sensor below its nominal frame rate). In these
cases, it could be interesting to use less data channels to save power consumption.
The number of DATAx_OUT channels used per side is programmable with the NR_OUTP
register.
Figure 106:
Number of Outputs Registers
Reg. Name
Bank
Addr
Bits
Description
NR_OUTP
4
27
[3:0]
Number of DATAx_OUT channels to be used
(per side)
MAX_NR_OUTP
0
14
[3:0]
Upper limit to number of channels to be used, in
case of context switching (per side)
DATA_CH_EN_DRIVE
4
35
[0:0]
‘0’: Disable channel driver
‘1’: Enable channel driver
The first N channels starting at DATA0_OUT are used (per side).
For example, when setting NR_OUTP to 4, DATA0_OUT to DATA3_OUT channels are used
on both top and bottom side, totaling 8 outputs. DATA4_OUT to DATA7_OUT are disabled on
both sides.
All unused DATAx_OUT channels are automatically disabled, but not necessarily powered-
down. To allow on-the-fly context switching to a context with a different setting of NR_OUTP,
the register MAX_NR_OUTP must be set to the maximum setting of NR_OUTP over the
different contexts. MAX_NR_OUTP defines the number of output channels that will be
powered-on. Channels above MAX_NR_OUTP are automatically powered-down. Channels
between NR_OUTP and MAX_NR_OUTP must be individually powered-down using
DATA_CH_EN_DRIVE.
The number of columns read on every output or kernel size is defined by these registers.
Figure 107:
Kernel Size Registers
Reg. Name
Bank
Addr
Bits
Description
KSIZE
4
23-24
[13:0]
Number of columns read per output
Every channel sends an equal amount of pixels per row defined by KSIZE. The last (or
rightmost) channel of the used DATAx_OUT channels pads dummy pixels after the valid
pixels when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com