Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 101 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 101 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 97Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 98Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 99Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 100Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 101Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 102Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 103Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 104Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 105Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 100
Uncalibrated Temperature Measurement
To perform an uncalibrated temperature measurement, with an accuracy of ±5 °C, follow this
procedure:
1.
Set TSENS_CONTROL to 1 (power-up temperature sensor)
2.
Wait for 100 µs
3.
Set TSENS_CONTROL to 31
4.
Wait for 10 µs
5.
Set TSENS_CONTROL to 27
6.
Wait for 1 µs
7.
Set TSENS_CONTROL to 11
8.
Wait for 1 µs
9.
Set TSENS_CONTROL to 9
10.
Wait for 1 µs
11.
Set TSENS_CONTROL to 33
12.
Wait for 200 µs
13.
Read TSENS_REF and TSENS_CONV
14.
Calculate the uncalibrated temperature with the equation
Equation 17:
������ [°������] =
425 × ������������������������������_������������������������
������������������������������_������������������
− 273.15
15.
To start a new measurement, go back to step 3
16.
To power down the temperature sensor, set TSENS_CONTROL to 0
Information
The temperature measurement uses the internal clock. This means that the sensor must
have followed the flow chart in section 7.4.3 until atleast the soft reset release step before a
temperature measurement can be started.
Calibrated Temperature Measurement
The accuracy of temperature measurements can be improved to ±1 °C after performing a
single-point calibration.
During wafer test, temperature is measured in a controlled environment. Calibration data is
written to the OTP memory of the sensor.
In section 7.8.5 we described how to read out data from OTP fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com