Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 114 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 114 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 106Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 107Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 108Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 109Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 110Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 111Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 112Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 113Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 114Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 114 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Legal Information
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 113
12
Legal Information
Copyrights & Disclaimer
Copyright ams-OSRAM AG, Tobelbader Strasse 30, 8141 Premstaetten, Austria-Europe. Trademarks Registered. All
rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner.
Devices sold by ams-OSRAM AG are covered by the warranty and patent indemnification provisions appearing in its
General Terms of Trade. ams-OSRAM AG makes no warranty, express, statutory, implied, or by description
regarding the information set forth herein. ams-OSRAM AG reserves the right to change specifications and prices at
any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with
ams-OSRAM AG for current information. This product is intended for use in commercial applications. Applications
requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as
military, medical life-support or life-sustaining equipment are specifically not recommended without additional
processing by ams-OSRAM AG for each application. This product is provided by ams-OSRAM AG
“AS IS” and any
express or implied warranties, including, but not limited to the implied warranties of merchantability and fitness for a
particular purpose are disclaimed.
ams-OSRAM AG shall not be liable to recipient or any third party for any damages, including but not limited to
personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or
consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the
technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of ams-OSRAM AG
rendering of technical or other services.
RoHS Compliant & ams Green Statement
RoHS Compliant: The term RoHS compliant means that ams-OSRAM AG products fully comply with current RoHS
directives. Our semiconductor products do not contain any chemicals for all 6 substance categories plus additional 4
substance categories (per amendment EU 2015/863), including the requirement that lead not exceed 0.1% by weight
in homogeneous materials. Where designed to be soldered at high temperatures, RoHS compliant products are
suitable for use in specified lead-free processes.
ams Green (RoHS compliant and no Sb/Br/Cl): ams Green defines that in addition to RoHS compliance, our
products are free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material) and do not contain Chlorine (Cl not exceed 0.1% by weight in homogeneous material).
Important Information: The information provided in this statement represents ams-OSRAM AG knowledge and
belief as of the date that it is provided. ams-OSRAM AG bases its knowledge and belief on information provided by
third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway
to better integrate information from third parties. ams-OSRAM AG has taken and continues to take reasonable steps
to provide representative and accurate information but may not have conducted destructive testing or chemical
analysis on incoming materials and chemicals. ams-OSRAM AG and ams-OSRAM AG suppliers consider certain
information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
Headquarters
ams-OSRAM AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Please visit our website at www.ams.com
Buy our products or get free samples online at www.ams.com/Products
Technical Support is available at www.ams.com/Technical-Support
Provide feedback about this document at www.ams.com/Document-
Feedback
For sales offices, distributors and representatives go to
www.ams.com/Contact
For further information and requests, e-mail us at ams_sales@ams.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com