Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 15 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 15 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
ADJUST THE SETPOINT
1. Press to access the Control Screen.
NOTE: The actual temperature of the sensor is
displayed in green and is not editable.
2. Press the
Setpoint temperature value and turn the
adjustment knob until the desired temperature is
displayed.
Figure 21. Control Screen
The Control Screen is also the location of the PID control
parameters, IntelliTune, and the Temperature Scan function.
To change any of the PID values, press the number and turn
the adjustment knob until the desired value is displayed.
DISPLAY EXISTING CURRENT
AND VOLTAGE VALUES
Press to access the Monitor Screen.
NOTE: Values on this screen cannot be changed
and are for information only.
Figure 22. Monitor Screen
Signed thermoelectric current, TE voltage, and actual sensor
voltage are displayed. The signal from the auxiliary sensor
is converted to temperature using a 10 kΩ thermistor with
100 µA bias current calibration values.
ENABLE CURRENT
Press the
Enable button. There is no delay before the button
illuminates and the current flows.
Once the current is enabled, the actual temperature
should move toward the setpoint temperature. (See the
Troubleshooting section if it does not.)
Once the actual temperature is near the setpoint, a green target
symbol is displayed to indicate that the actual temperature
is within the specified tolerance window around the setpoint.
Tolerance is set on the Settings Screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com