Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 23 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 23 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
ERROR MESSAGES
Table 6. Error Messages
To clear the error text, fix the cause and then press any icon or the Enable button.
ERROR
POTENTIAL CAUSES
SOLUTION
The USB flash drive is missing or not
accessible. Please make sure that a USB
flash drive is inserted into the front panel.
To run a local TC scan, a USB flash drive
must be in place.
Insert a USB flash drive in the data port on
the front panel.
The USB flash drive was removed. The
scan has been aborted.
To run a local TC scan, a USB flash drive
must be in place.
Insert a USB flash drive in the data port on
the front panel
The internal temperature limit of the
instrument has been exceeded. Output
current has been disabled to protect the
laser.
The ambient air temperature is too high for
the instrument.
Reduce the ambient air temperature to
40ºC or less.
The TC scan was canceled by the user.
The Stop button was pressed during the
scan.
Scan was canceled because output
current is disabled.
The Enable button was pressed during a
scan, cutting current to the load.
An open circuit was detected at the
load. Please verify the load and load
connections.
The instrument cannot drive current
through the load.
Make sure the A1 and A2 pins on the
15 + 2 D-SUB are connected to the
thermoelectric or resistive heater.
A short circuit was detected at the load
terminals. Please verify the load and load
connections.
The instrument is detecting that there is no
resistance where the load should be.
Make sure the A1 and A2 pins on the
15 + 2 D-SUB are connected to the
thermoelectric or resistive heater.
An open circuit was detected at the sensor.
Sensor is wired to the wrong pins
Make sure the chosen sensor is properly
wired.
A short circuit was detected at the sensor.
Make sure the chosen sensor is properly
wired.
Shutdown at user limit
The actual temperature has exceeded
one of the temperature limits and an LD
Shutdown signal has been sent.
The temperature controller will continue
to operate, but the TE current will be
disabled. The active QCL or laser diode
was shut down, if the LAB instruments
were connected. The setpoint may be too
close to the temperature limit. Overshoot
is natural as the system is coming to
temperature.
IntelliTune aborted – Starting actual
temperature too close to setpoint.
To start IntelliTune, actual temperature
cannot be close to setpoint.
Disable current, allow actual temperature
to move away from setpoint, and restart
IntelliTune.
IF ANY OF THE ERRORS BELOW OCCUR,
PLEASE CONTACT WAVELENGTH TECHNICAL SUPPORT FOR FURTHER ASSISTANCE.
• An internal error occurred while reading data from hardware. Please contact the factory for further assistance.
• A timeout occurred waiting for output. Make sure the load is connected and interlocks are satisfied.
• An internal error was detected. Please contact the factory for further assistance.
• A fault in the internal +5V supply was detected. Please contact the factory.
• A fault in the internal +15V supply was detected. Please contact the factory.
• A fault in the internal -15V supply was detected. Please contact the factory.
• A timeout occurred waiting for the internal load power supply to stabilize. Please contact the factory.
• A problem has been detected in the instrument power supply. Please contact the factory for further assistance.
• A current surge has been detected in the instrument. Output has been disabled to protect the laser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com