Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
PIN DESCRIPTIONS
STATUS / ENABLE D-SUB
Figure 2. Female 9-Pin D-SUB
Table 1. Status/Enable D-SUB Pin description
PIN
DESCRIPTION
1
Remote Enable Input (IN)
2
Remote Enable Ground (GND)
3
Not Connected
4
Not Connected
5
Status Ground (GND)
6
Enable Status
7
At Temperature Status
8
Fan Driver Output (OUT)
9
Fan Ground (GND)
SHELL
Chassis Ground
SHUTDOWN OUTPUT SIGNAL TO
LASER DRIVER OR QCL
LD Shutdown
Ground
Figure 3. LD Shutdown BNC Pins
THERMOELECTRIC / RESISTIVE
HEATER AND SENSOR D-SUB
Figure 4. Female 15+2 D-SUB
Table 2. TE or RH and Sensor D-SUB Pin Description
PIN
DESCRIPTION
1
Thermistor - (negative)
2
Thermistor + (positive)
3
IC Sensor (AD590- or LM335+)
4
IC Sensor (AD590+ or LM335-)
5
Not Connected
6
Not Connected
7
Not Connected
8
RTD Force -
9
RTD 2/3 Wire Sense -
10
RTD 2/3 Wire Sense +
11
RTD 4 Wire Sense -
12
RTD 4 Wire Sense +
13
RTD Force +
14
Auxiliary Sensor -
15
Auxiliary Sensor +
A1
TEC Output +
A2
TEC Output -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com