Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 9 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 9 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
REAR PANEL
LD SHUTDOWN
TE OUT
SENSORS
STATUS / ENABLE
ETHERNET
USB
FUSE ~F 3.15AH 250 V
(5 x 20mm)
100 - 240 V~
3.15 A, 50-60 Hz
CHASSIS
GND
SERIAL #
CAUTION:
No user serviceable parts.
Do not remove cover.
!
MAX TEC Voltage
MAX TEC Current
1
2
3
6
7
5
4
10
8
9
Figure 5. TC LAB Rear Panel
REAR PANEL FUNCTIONS
Table 3. Rear Panel Functions
NAME
DESCRIPTION
1
Fan Vent
Do not block air flow.
2
Chassis Ground
Physical connection to chassis and electrical earth ground.
3
TE Out and Sensor
Thermoelectric connector and sensor input Female DB 15 + 2 D-SUB connector.
4
Status / Enable
9-Pin female D-SUB connector for remote enable, status monitors, and fan drive output.
5
USB
USB port, connection between instrument and a computer.
6
Ethernet
Ethernet port, connection between instrument and a computer or network.
7
Laser Diode Shutdown
BNC connector - link to Active Interlock on Laser Diode or QCL Driver.
8
Fuse Box
Removable fuse drawer.
9
AC Power Switch
AC power switch that powers the instrument.
10
AC Power Connector
IEC AC line input, IEC60320.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com