Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  TC_LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
QUICK CONNECT GUIDE
CONNECT THE POWER
On the back panel, insert the female end of the IEC AC power
cable into the Power receptacle and then plug the male end
into the AC power source.
NOTE: Place the TC LAB instrument at least 6” away from any
wall to provide adequate ventilation and prevent overheating.
WIRE A TEST LOAD
We recommend using a test load and simulated thermistor
when configuring the TC LAB instrument. The thermistor test
load simulates a 10 kΩ thermistor operating at 25ºC.
Wire a test load to a 15 + 2 D-SUB plug and insert the plug
into the
TE Out and Sensor D-SUB port located on the back
panel.
10 kΩ
SENSOR- (1)
SENSOR+ (2)
R
LOAD Recommendation
0 to 10 A: 0.5 Ω, > 50 W
0 to 15 A: 0.1 Ω, > 50 W
Resistors may require
heatsinking.
R
LOAD
TEC+ (A1)
TEC- (A2)
Test Load
Thermistor Test Load
Figure 1. Test Load Wiring Schematic
Setting up this test load allows current to be driven to either
the positive or negative limit. Choose units of resistance and
change the setpoint above or below the 10 kΩ value. This
confirms proper operation and direction of the current flow.
TURN ON POWER
1. Press the
Power switch on the back panel to the |
position. The front panel power button light slowly pulses.
2. Press the
Power button on the front panel, the button
illuminates, touchscreen is activated, and the Control
Screen is active.
NOTE: Turning off front
Power button powers down the
application electronics and puts the unit into Standby mode.
Turning off rear
Power switch powers down all electronics
and some settings return to factory default.
SET THE LIMITS
1. Press to access the Limit Screen.
2. On the Limit Screen, press the blue
Limit
Current values and rotate the adjustment knob
to change to the desired values. The instrument
will beep when set.
Temperature limits can be set on this screen. The setpoint is
restricted by these limits.
The positive and negative current settings indicate the
direction of flow during heating and cooling.
CHOOSE A CONTROL SENSOR
1. Press to access the Sensor Screen.
2. Press the
Sensor Type value and turn the
adjustment knob to cycle through the factory
defaults or any user-defined sensors.
Choose the sensor to match the test load or the appropriate
sensor for the test load. Additionally, thermistors require
choosing the correct bias current.
The test load suggested by Wavelength uses a 10 kΩ 100 µA
thermistor configuration.
ADJUST SETPOINT
1. Press to access the Control Screen.
2. Press the blue
Setpoint temperature value
and turn the adjustment knob to change it. The
instrument will beep when set.
NOTE: The Control Screen is on by default when the
instrument is turned on.
The Control Screen is also the location of the PID control
parameters, IntelliTune (intelligent autotune), and the
Temperature Scan function. To change any of the PID values,
press the number and turn the adjustment knob until the
desired value is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com