Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 16 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 16 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
INTELLITUNE:
INTELLIGENT AUTOTUNE
IntelliTune adjusts the PID coefficients, as well as the voltage
limit.
1. Turn off the output current.
2. On the Control Screen, press Tune mode
to choose either
Setpoint Response or
Disturbance Rejection.
Setpoint Response: This setting has a fast time to
temperature and will overshoot.
Disturbance Rejection: This setting has a quick return to
setpoint after stability is reached. It is best for pulsing laser or
active loads, or if ambient temperature fluctuates.
Manual Tuning: Turns IntelliTune off.
Figure 24. Control Screen
3. On the Limits screen, set Max/Min Temperature Limits.
4. Adjust the setpoint off ambient temperature by about 5ºC.
5. Make sure the setpoint will not cause a
sensor bias current change by choosing a
setpoint between 0.25 to 12.075 V. The scan
is completed at a single bias current level. For
10 kΩ thermistors the troublesome temperatures
are around -23ºC and 5ºC. For 50 kΩ thermistors, the
troublesome temperatures are around 7ºC and 40ºC.
6. Press to start a characterization scan.
NOTES:
• The process takes three sweeps and can take several minutes.
The “note” icon fills with red to indicate a scan is in progress. If
any portion of the icon is red and you want to stop the process,
press the “note” icon to abort the session. If the session is
aborted, the PID coefficients revert to the previously used
coefficients.
• When the characterization process is complete, the new PID
coefficients display and the icon reverts to green.
• Tune only in temperature mode. Resistance mode is not
supported.
• A fixed, non-volatile bias current can be configured with a custom
sensor using remote command CONST:THERM with Firmware
Versions 1.99 and 2.01 and later. See the LAB Series Command
Set User Guide for more details.
SCAN THE TEMPERATURE
1. On the Control Screen, press to access the
Temperature Scan Screen.
2. Press the
Start Temp value to select the
temperature at which to start the scan. Turn the
adjustment knob to change it.
3. Press the
Stop Temp value to select the temperature at
which to stop the scan.
4. Press the
Step Size value to select the temperature
interval at which to take a measurement.
5. Press the
Time Interval value to select the amount of
time to allow the temperature to settle.
6. Insert the USB flash drive in the USB DATA slot on the
front panel.
7. Press the
Start Scan button to start the
scan. When finished, data is saved to the USB
flash drive with the filename tcscanxx.txt, where
xx starts at 00 and increments.
To stop mid-scan, press the red
Stop Scan
button. Any data collected during the aborted
scan is saved to the USB flash drive.
Figure 23. Scan Screen
The tolerance window can be very useful during a scan.
Change the time interval to STABLE by rotating the knob
counter clockwise. When the temperature reaches the
setpoint ± the tolerance window, a datapoint is recorded and
the instrument increments the setpoint to the next indicated
value. Ideally, the tolerance should be set very tight, much
less than the scan step.
Time Offset, Setpoint, Actual Temp, Sensor Voltage, TE
Current, and TE Voltage are stored to the data file.
Exiting the Scan screen aborts the scan. After the scan is
complete, the current remains enabled and at the final scan
setpoint.
To trigger a datapoint from another instrument at a given
temperature, use the TTL TempStable output or the remote
TEC Condition Register In Tolerance bit to trigger the
measurement.
NOTE: Scan only in temperature mode. Resistance mode is
not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com