Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  TC_LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
USER GUIDE
Laboratory Series
High Precision Temperature Controller
— with IntelliTune®
e R
T
AD590 LM335
RTD
Pb
RoHS
Applies to Product Revision A-E, firmware version 1.99 and 2.01 and above
© December 2025
ORDERING INFORMATION
PART NO
DESCRIPTION
TC10 LAB
10 A, 15 V Temperature Controller Instrument
TC15 LAB
15 A, 20 V Temperature Controller Instrument
TC/SENSOR
MATING D-SUB
One included with each instrument
RCKMT-LAB SNGL
19” Single Unit Rack Mount Kit
RCKMT-LAB DUAL
19” Dual Unit Rack Mount Kit
THERMISTORS
Various Thermistors Available
CKT-203
Status/Enable Male DB-9 Connector Kit
CKT-204
TE/RH/Sensor Male DB 15+2 Connector Kit
WCB405
Status/Enable DB-9 Cable Assembly
WCB406
TE/RH/Sensor DB 15+2 Cable Assembly
WCB315
LDMOUNT Cable for TC LAB Series
WCB319
LDMOUNT Cable for TC LAB Series (no lock)
CONTENTS
ORDERING INFORMATION
1
GENERAL OVERVIEW
2
SAFETY
3
QUICK CONNECT GUIDE
4
PIN DESCRIPTIONS
6
ELECTRICAL SPECIFICATIONS
7
OPERATING INSTRUCTIONS
8
TROUBLESHOOTING
20
ERROR MESSAGES
23
TC LAB MECHANICAL SPECIFICATIONS
24
CABLING SPECIFICATIONS
25
WARRANTY & CERTIFICATION
29


Similar Part No. - TC_LAB

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
TC-LCDC-8A-230VAC PF-TC-LCDC-8A-230VAC Datasheet
681Kb / 3P
Counter/Timer/Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
logo
List of Unclassifed Man...
TC-LINK-LXRS ETC1-TC-LINK-LXRS Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
logo
Toshiba Semiconductor
TC7LX0104MU TOSHIBA-TC7LX0104MU Datasheet
222Kb / 16P
Low-Voltage, Low-Power 4-Bit Dual-Supply Bus Transceiver with Auto Direction Sensing
TC7LX1101WBG TOSHIBA-TC7LX1101WBG Datasheet
206Kb / 16P
CMOS Digital Integrated Circuits Silicon Monolithic
More results

Similar Description - TC_LAB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
List of Unclassifed Man...
ABK36V1A1 ETC2-ABK36V1A1 Datasheet
583Kb / 17P
High Efficiency Precision LED Controller
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
High Precision Mixed-Signal Controller
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
High Precision Mixed-Signal Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3125D FUMAN-FM3125D Datasheet
217Kb / 5P
High precision LED controller IC
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
High-Precision Voltage References with Temperature Sensor
2019
logo
Digital View Ltd
SVX-4096-SDM DIGITALVIEW-SVX-4096-SDM Datasheet
569Kb / 2P
4K LCD controller with Intel® SDM
July 2018 v1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com