Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 18 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 18 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
USE THE STATUS/ENABLE D-SUB
Figure 27. Status/Enable 9-pin D-SUB
REMOTE ENABLE INPUT (PINS 1 & 2)
This is a TTL signal that will override the front panel ENABLE
button. The default polarity is ENABLE HIGH. Enter 0 V to
disable the output regardless of the front panel enable button.
An internal 100 kΩ pull up resistor means no external voltage
is required for front panel operation with the default polarity.
The polarity can be changed by remote command.
ENABLE STATUS (PINS 5 & 6)
This is a TTL signal that goes HI when the output current is
enabled.
AT TEMPERATURE STATUS (PINS 5 & 7)
This is a TTL signal that goes HI when the actual temperature
is within the window defined by setpoint ± tolerance.
FAN CURRENT DRIVE (PINS 8 & 9)
This output will drive 12 V up to 0.5 A to power a fan for airflow
across the thermoelectric and load. The auxiliary thermistor
can monitor the temperature of the load heatsink.
CHANGE FUSES
Figure 28. Fuse Box
1. On the back panel (see
page 9), locate the Fuse Box.
2. Insert a small flathead screwdriver into the slot (1) at the
top of the box and twist to open faceplate.
3. Install the fuses, one on each side of the receptacle,
as shown in the image below, making sure the fuses
contact the metal plate at the connector end of the fuse
receptacle.
Figure 29. Fuse Placement
VOLTAGE
FUSES
PART NUMBER
100-240 V
3.15 A, 250 V,
fast blow
Littelfuse 02163.15 HXP
4. Insert the fuse drawer in the fuse box, positioned as
shown below. Press firmly to make sure the drawer is
completely seated and flush with the box.
Figure 30. Fuse Box Direction
5. Close the faceplate, again pressing firmly until it is flush.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com