Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 27 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 27 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 29Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
WCB315: TC LAB LDMOUNT CABLE (WITH INTERLOCK)
(A1) TEC+
(1) THERM-
(2) THERM+
(A2) TEC-
TEC- (5)
TEC LOCK- (9)
TEC+ (4)
THERM- (3)
THERM+ (2)
TEC LOCK+ (1)
5
1
6
9
A1
A2
1
8
15
7
WCB319: TC LAB LDMOUNT CABLE (NO INTERLOCK)
TEC- (5)
TEC+ (4)
THERM- (3)
THERM+ (2)
(A1) TEC+
(1) THERM-
(2) THERM+
(A2) TEC-
5
1
9
6
7
1
15
8
A2
A1
The LDMOUNT has a current limit of 5 A. The TC10 LAB and TC15 LAB can be used with the
LDMOUNT as long as the current limit is set such that no more than 5 A will be output to the
LDMOUNT. Exceeding 5 A can damage the LDMOUNT and laser.
More recent revisions of the TC LAB have the current capacity to support the TEC Interlock function. The revision is labeled
in the third character of the unit’s serial number (LAX123456789). Please see the table below to determine which cable is
appropriate for the model of TC LAB being used.
MODEL
REVISION
SUPPORTED CABLE
TC10 LAB
A
WCB319
TC10 LAB
B
WCB315 or WCB319
TC15 LAB
all
WCB315 or WCB319
All cables are 36 inches [914 mm] in length. All tolerances are ±5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com