Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC_LAB Datasheet(PDF) 8 Page - Wavelength Electronics, Inc.

Part # TC_LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC_LAB Datasheet(HTML) 8 Page - Wavelength Electronics, Inc.

Back Button TC_LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC_LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
OPERATING INSTRUCTIONS
WHAT’S IN THE BOX
• Temperature Controller Instrument
• Power Cable, type appropriate for final location
• 15 + 2 Male D-SUB plug and pins
• Two 3.15 A fuses are installed in the red fuse tray in the
power entry module on the back panel
• USB Flash Drive, includes instrument documentation and
LabVIEW Virtual Instrument
REQUIRED AND OPTIONAL
EQUIPMENT
FOR SET UP
• Test load (optional) OR
• Thermoelectric or Resistive Heater and temperature
sensor for feedback
COMPUTER REQUIREMENTS FOR
REMOTE OPERATION ONLY (OPTIONAL)
Operating System: Windows XP SP2 or later
ESD INFORMATION
Before proceeding, it is critical that you take precautions to
prevent electrostatic discharge (ESD) damage to the load.
ESD damage can result from improper handling of sensitive
electronics, and is easily preventable with simple precautions.
REMOTE OPERATION
The TC LAB can be controlled by a remote computer using
the Command Set (see the LAB Series Command Set User
Guide) or with a LabVIEW Virtual Instrument application (see
the Virtual Instrument User Guide).
THEORY OF OPERATION
The TC LAB Series are high-current temperature controllers
that deliver bidirectional current to Peltier Effect thermoelectric
coolers (TE), or unidirectional current to resistive heaters
(RH).
The fundamental operating principle is that the controller
adjusts the output drive current in order to change the
temperature of the sensor that is connected to the thermal
load. The goal is to make the sensor temperature match the
setpoint temperature, and then keep them equal in spite of
changes to ambient conditions and variations in thermal load.
While output is enabled, the controller continuously compares
the setpoint temperature and the actual sensor temperature.
If there is a difference between the two, the controller adjusts
the output current—thereby driving the TE or heater to heat or
cool—until the difference is zero.
The controller includes features that help protect the load
from damage, and also make it more versatile in a wide array
of applications.
Current Limits: The adjustable current limits must be set
correctly in order to avoid over-driving and damaging the TE
or heater.
Control Loop: The controller employs a smart Proportional-
Integral-Derivative control loop to adjust the drive current. The
terms are user-adjustable and, when properly configured, will
quickly settle the load temperature with minimal overshoot
and ringing.
Voltage Limit: The voltage to the TE can be limited through
remote commands.
Temperature Limits: Set high and low temperature limits to
either report an over temperature condition at the load or use
them to trigger a Shutdown signal to turn off a Laser Diode /
QCL or other device driver to eliminate the active heat load
and protect the device. Additionally, if temperature limits are
exceeded, TE current will be disabled.
Sensor Disconnect/Failure Protection: If a short or open
circuit is detected at the sensor, the output current is disabled.
TE Failure Protection: If a short is detected across the
thermoelectric, the output current is also disabled.
IntelliTune: Wavelength’s proprietary algorithm characterizes
the TE / Sensor system’s response to the TC LAB temperature
controller and determines the optimal PID control coefficients.
Then it automatically adjusts the PID control values as
setpoint, tuning mode, or bias current are changed.
These instructions are for operating the TC LAB Series
instrument. Fuses are provided and installed. We recommend
using a test load until you are familiar with operation of the
instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com