Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Ambient Temperature (°C)
90
95
100
105
110
115
120
0
0.5
1
1.5
2
2.5
3
3.5
4
120
100
D030
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
RθJA = 27.4°C/W VCA Package
TJ,max = 125°C
Figure 9-26. Safe Operating Area VIN = 5.0V
VOUT = 1.8V
PWM
TA = 25°C
VIN = 5.0V
IOUT = 0A to 4A to 0A
Figure 9-27. Load Transient Response
VOUT = 1.8V
PFM
TA = 25°C
VIN = 5.0V
IOUT = 0A to 4A to 0A
Figure 9-28. Load Transient Response
VOUT = 1.8V
PWM
TA = 25 °C
IOUT = 4A
VIN = 5.0V
BW = 20MHz
Figure 9-29. Output and Input Voltage Ripple
VOUT = 1.8V
PFM
TA = 25°C
IOUT = 0A
VIN = 5.0V
BW = 20MHz
Figure 9-30. Output and Input Voltage Ripple
VOUT = 1.8V
PWM
TA = 25°C
IOUT = 4A
VIN = 5V
CSS = 4.7nF
Figure 9-31. Start-Up Timing
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com