Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 30 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
3.1
2.9
2.6
2.4
2.0
1.9
3X 0.96
0.76
1.28
1.08
6X 0.65
0.45
4X 0.4
0.3
6X 0.3
0.2
2X 1.25
1.15
3X 0.25 0.05
0.6
0.5
0.36
.000 PKG
0
0.36
(0.2) TYP
(0.125) TYP
QFN-FCMOD - 2 mm max height
VCA0013A
PLASTIC QUAD FLATPACK - NO LEAD
4230172/C 03/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
1
2
6
7
11
8
12
13
PIN 1 ID
(45 X 0.2)
SCALE 4.000
A
B
C
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com