Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
switched off. The voltage applied at the EN pin of the TPSM8281x is compared to a fixed threshold of 1.1V for a
rising voltage.
The enable input threshold for a falling edge is typically 100mV lower than the rising edge threshold. The Precise
Enable input provides a user-programmable undervoltage lockout by adding a resistor divider to the input of the
EN pin. The Precise Enable input also allows you to drive the pin by a slowly changing voltage and enables
the use of an external RC network to achieve a precise power-up delay. See the Achieving a Clean Start-up by
Using a DC/DC Converter with a Precise Enable-pin Threshold analog design journal for more details.
8.3.2 Output Discharge
The purpose of the discharge function is to make sure of a defined down-ramp of the output voltage when the
device is disabled and keep the output voltage close to 0V when the device is off. The output discharge feature
is only active after the TPSM8281x has been enabled at least once since the supply voltage was applied. The
discharge function is enabled as soon as the device is disabled, in thermal shutdown, or in undervoltage lockout.
The minimum supply voltage required for the discharge function to remain active is typically 1V.
8.3.3 COMP/FSET
This pin sets two different parameters independently:
• Internal compensation settings for the control loop (three settings available)
• The switching frequency in PWM mode from 1.8MHz to 4MHz
A resistor from COMP/FSET to GND changes the compensation as well as the switching frequency. The change
in compensation adapts the device to different values of output capacitance. The resistor must be placed close
to the pin to keep the parasitic capacitance on the pin to a minimum. The compensation setting is set after
enabling the converter, so a change in the resistor during operation only has an effect on the switching frequency
but not on the compensation.
To save external components, the pin can also be directly tied to VIN or GND to set a pre-defined switching
frequency and compensation. Do not leave the pin floating.
The switching frequency must be selected based on the maximum input voltage and the output voltage to meet
the specifications for the minimum on-time.
Example: VIN = 5.5V, VOUT = 1V
fSw,max= VOUT
VIN × tON,min=  1 V
5.5 V × 75 ns =2.42 MHz
(1)
The compensation range has to be chosen based on the minimum effective capacitance used. The capacitance
can be increased from the minimum value as given in Table 8-1 up to the maximum of 470µF in all of the
three compensation ranges. The higher compensation settings give better load transient response, when larger
output capacitances are used. If the capacitance of an output changes during operation, for example, when load
switches are used to connect or disconnect parts of the circuitry, the compensation has to be chosen for the
minimum capacitance on the output. Compensating for large output capacitance but placing less capacitance on
the output can lead to instability.
The value of RCF for the intended switching frequency and compensation setting is determined by the equations
in the following table.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com