Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 36 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 36Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 37Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 38Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 39Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jul-2026
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPSM82810PVCAR
Active
Production
QFN-FCMOD
(VCA) | 13
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
3XMI
TPSM82810SILR
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
-40 to 125
FG
TPSM82810SILR.A
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
FG
TPSM82810SSILR
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
-40 to 125
GC
TPSM82810SSILR.A
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
GC
TPSM82813PVCAR
Active
Production
QFN-FCMOD
(VCA) | 13
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
3HAI
TPSM82813PVCAR.A
Active
Production
QFN-FCMOD
(VCA) | 13
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
3HAI
TPSM82813SILR
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
-40 to 125
GD
TPSM82813SILR.A
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
GD
TPSM82813SSILR
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
-40 to 125
HF
TPSM82813SSILR.A
Active
Production
uSiP (SIL) | 14
3000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
HF
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com