Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 24 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
9.3.2 Synchronizing to an External Clock
The TPSM8281x can be synchronized by applying a clock on the MODE/SYNC pin. There is no need for
any additional circuitry. See Figure 9-35. The clock can be applied, changed, and removed during operation.
The value of the RCF resistor is recommended to be chosen such that the internally defined frequency and
the externally-applied frequency are close to each other to have a fast settling time to the external clock.
Synchronizing to a clock is not possible, if the COMP/FSET pin is connected to Vin or GND. Figure 9-36 and
Figure 9-37 show the external clock being applied and removed. When an external clock is applied, the device
operates in PWM mode.
Figure 9-35. Frequency Synchronization
VIN = 5V
RCF = 8.06kΩ
IOUT = 0.1A
VOUT = 1.8V
fEXT = 2.5MHz
Figure 9-36. Applying and Removing the
Synchronization Signal (PFM)
VIN = 5V
RCF = 8.06kΩ
IOUT = 1A
VOUT = 1.8V
fEXT = 2.5MHz
Figure 9-37. Applying and Removing the
Synchronization Signal (FPWM)
9.4 Power Supply Recommendations
The TPSM8281x device family has no special requirements for the input power supply. The output current of the
input power supply needs to be rated according to the supply voltage, output voltage, and output current of the
TPSM8281x.
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com