Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 32 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
.000 PKG
0
(
)
1.084
(
)
0.92
(
)
0.36
(
)
0.36
(
)
0.76
(
)
1.084
(
)
0.92
(
)
0.92
6X (0.75)
3X (0.25)
(0.55)
3X (1.06)
4X (0.35)
6X (0.25)
2X (1.2)
(1.38)
QFN-FCMOD - 2 mm max height
VCA0013A
PLASTIC QUAD FLATPACK - NO LEAD
4230172/C 03/2024
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 25X
1
2
6
7
11
8
12
13
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com