Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 23 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
VOUT = 1.8V
PFM
TA = 25°C
IOUT = 0A
VIN = 5V
CSS = 4.7nF
Figure 9-32. Start-Up Timing
9.3 System Examples
9.3.1 Voltage Tracking
The SS/TR pin is externally driven by another voltage source to achieve output voltage tracking. The application
circuit is shown in Figure 9-33. From 0V to 0.6V, the internal reference voltage to the internal error amplifier
follows the SS/TR pin voltage. When the SS/TR pin voltage is above 0.6V, the voltage tracking is disabled and
the FB pin voltage is regulated at 0.6V. The device achieves ratiometric or coincidental (simultaneous) output
tracking, as shown in Figure 9-34.
The R2 value must be set properly to achieve accurate voltage tracking by taking the 2.5μA charging current into
account. 1kΩ or smaller is a sufficient value for R2. For decreasing SS/TR pin voltage, the device does not sink
current from the output when the device is in PFM mode. The resulting decrease of the output voltage can be
slower than the SS/TR pin voltage if the load is light.
When driving the SS/TR pin with an external voltage, do not exceed the voltage rating of the SS/TR pin which is
VIN+0.3V.
Vout1
Vout2
SS/TR
FB
R1
R2
R3
R4
TPSM8281x
Figure 9-33. Schematic for Output Voltage Tracking
Figure 9-34. Output Voltage Tracking
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com