Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
8 Detailed Description
8.1 Overview
The TPSM8281x synchronous switch mode DC/DC converter power modules are based on a fixed-frequency
peak current-mode control topology. The control loop is internally compensated. To optimize the bandwidth of
the control loop to the wide range of output capacitance that can be used with the TPSM8281x, one of three
internal compensation settings can be selected. See Section 8.3.3. The compensation setting is selected either
by a resistor from COMP/FSET to GND, or by the logic state of this pin. The regulation network achieves fast
and stable operation with small external components and low-ESR ceramic output capacitors.
The devices support fixed-frequency forced PWM operation with the MODE/SYNC pin tied to a logic high level.
When the MODE/SYNC pin is set to a logic low level, the device operates in power save mode (PFM) at
low-output currents and automatically transitions to fixed-frequency PWM mode at higher output currents. In
PFM mode, the switching frequency decreases linearly based on the load to sustain high efficiency down to very
low output currents. The device can be synchronized to an external clock signal in a range from 1.8MHz to 4MHz
applied to the MODE/SYNC pin.
The TPSM8281xP versions in the VCA package use MagPack technology to deliver the highest-performance
power module design. Leveraging Texas Instruments' proprietary integrated-magnetics packaging technology,
MagPack (magnetics in package) power modules deliver industry-leading power density, high efficiency and
good thermal performance, ease of use, and reduced EMI emissions.
8.2 Functional Block Diagram
+
-
GND
VIN
EN
Oscillator
Gate Drive and Control
Device
Control
PG
Thermal
shutdown
Bias
Regulator
gm
Ipeak
VREF
SS/TR
COMP/FSET
MODE/SYNC
Izero
–
–
L
FB
Output
Discharge
RDis
VOUT
SW
Note
SW is only accessable with the VCA package
8.3 Feature Description
8.3.1 Precise Enable (EN)
The TPSM8281x starts operation when the rising EN threshold is exceeded. For proper operation, the EN pin
must be terminated and must not be left floating. Pulling the EN pin low forces the device into shutdown. In
this mode, the internal high-side and low-side MOSFETs are turned off and the entire internal control circuitry is
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com