Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 5 Page - Texas Instruments

  TPSM82810PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Pin voltage(2)
VIN, EN, MODE/SYNC
–0.3
6.5
V
SW (VCA package only)
–0.3
VIN+0.3
V
SW (transient for less than 10 ns, VCA package only, while switching)
–3
10
V
FB
–0.3
4
V
COMP/FSET, PG, SS/TR, VOUT
–0.3
VIN+0.3
V
ISINK_PG
Sink current at PG pin
10
mA
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002
(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply voltage range
2.75
6
V
VOUT
Output voltage range
0.6
5.5
V
COUT
Effective output capacitance(1)
27
47
470
µF
CIN
Effective input capacitance(1)
5
10
µF
RCF
4.5
100
kΩ
TJ
Operating junction temperature
-40
125
°C
(1)
The values given for all the capacitors in the table are effective capacitance, which includes the DC bias effect. Due to the DC
bias effect of ceramic capacitors, the effective capacitance is lower than the nominal value when a voltage is applied. Please check
the manufacturer´s DC bias curves for the effective capacitance vs DC voltage applied. Please see Section 9.3.3 about the output
capacitance vs compensation setting and output voltage.
6.4 Thermal Information
THERMAL METRIC(1)
TPSM8281x
UNIT
VCA (13 PINS)
μSIL (14 PINS)
EVM
JEDEC 51-7
EVM
JEDEC 51-5
RθJA
Junction-to-ambient thermal resistance
27.4
73.0
35.0
52.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
n/a(3)
34.1
n/a(3)
52.0
°C/W
RθJB
Junction-to-board thermal resistance
n/a(3)
20.9
n/a(3)
16.9
°C/W
ψJT
Junction-to-top characterization parameter
(–3)(2)
(–1.4)(2)
11.1
12.8
°C/W
ψJB
Junction-to-board characterization parameter
10.2
20.6
14.8
16.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report and Thermal Consideration.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com