Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810PVCAR Datasheet(PDF) 25 Page - Texas Instruments

Part # TPSM82810PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82810PVCAR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPSM82810PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82810PVCAR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
9.5 Layout
9.5.1 Layout Guidelines
A proper layout is critical for the operation of any switched mode power supply, especially at high switching
frequencies. Therefore, the PCB layout of the TPSM8281x demands careful attention to make sure of best
performance. A poor layout can lead to issues like bad line and load regulation, instability, increased EMI
radiation, and noise sensitivity. Refer to the Five Steps to a Great PCB Layout for a Step-Down Converter analog
design journal for a detailed discussion of general best practices. Specific recommendations for the device are
listed below.
• The input capacitor must be placed as close as possible to the VIN and GND pins of the device. This is the
most critical component placement. Route the input capacitor directly to the VIN and GND pins avoiding vias.
• Place the output capacitor ground close to the VOUT and GND pins and route directly avoiding vias.
• Place the FB resistors, R1 and R2, and the feedforward capacitor CFF close to the FB pin and place CSS
close to the SS/TR pin to minimize noise pickup.
• Place the RCF resistor close to the COMP/FSET pin to minimize the parasitic capacitance.
• The recommended layout is implemented on the EVM and shown in the EVM User's Guide and in Section
9.5.2.
• The recommended land pattern for the TPSM8281x is shown at the end of this data sheet. For best
manufacturing results, create the pads as solder mask defined (SMD), when some pins (such as VIN, VOUT,
and GND) are connected to large copper planes. Using SMD pads keeps each pad the same size and avoids
solder pulling the device during reflow.
9.5.2 Layout Examples
The example below shows a cut-out from the layout of the MagPack evaluation module. To further reduce EMI,
current loops are kept small and noisy traces kept short.
GND
VIN
GND
C
IN
C
OUT
C
SS
R
CF
C
FF
R
1
U1
SW
GND
VIN
VOUT
Figure 9-38. Example Layout VCA Package
The same rules also apply to the layout with the SIL package. The pin-outs of both the SIL and the VCA package
are optimized for short connections between the device and input or output capacitors. The copper keepout (only
for the SIL package) is for top copper layer only. Other PCBs layers can enter this keepout.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com