Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 57Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 58Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 59Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 60Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 61Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 62Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 61 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.3
DC Characteristics
Table 2.4
DC Characteristics (1)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
CANFD input pin
MTU input pin
GPTW input pin
POE input pin
POEG input pin
TMR input pin
SCI input pin
RSCI input pin
ADTRG# input pin
RES#, NMI
VIH
0.8 × VCC
—
—
V
VIL
—
—
0.2 × VCC
ΔVT
0.06 × VCC
—
—
IRQ input pin
(except for P52 to P55, and P60
to P65)
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
ΔVT
0.06 × VCC
—
—
IRQ input pin
(P52 to P55, and P60 to P65)
VIH
0.8 × AVCC2
—
—
VIL
——
0.2 × AVCC2
ΔVT
0.06 × AVCC2
—
—
RIIC input pin
(except for SMBus)
VIH
0.7 × VCC
—
—
VIL
—
—
0.3 × VCC
ΔVT
0.06 × VCC
—
—
RI3C input pin
VIH
0.7 × VCC
—
—
VCC = 2.7 to
3.6 V
VIL
—
—
0.3 × VCC
ΔVT
0.1 × VCC
—
—
Pins for 5 V tolerant
(PB1 and PB2)
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
Analog input pins
(P40 to P47, P50 to P55, and
P60 to P63)
VIH
0.8 × AVCC2
—
—
VIL
——
0.2 × AVCC2
Other input pins
(pins other than those above)
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
High-level input
voltage (except for
Schmitt trigger
input pin)
MD pin, EMLE
VIH
0.9 × VCC
—
—
V
EXTAL, RSPI input pin,
RSPIA input pin
0.8 × VCC
—
—
RIIC (SMBus)
2.1
—
—
Low-level input
voltage (except for
Schmitt trigger
input pin)
MD pin, EMLE
VIL
—
—
0.1 × VCC
V
EXTAL, RSPI input pin,
RSPIA input pin
—
—
0.2 × VCC
RIIC (SMBus)
—
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com