Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 71Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 72Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 73Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 74Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 75Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 76Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 77Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 78Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 75 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Figure 2.8
HOCO Clock Oscillation Start Timing (Oscillation is Started by Setting the
HOCOCR.HCSTP Bit)
Figure 2.9
High-Speed On-Chip Oscillator Power Supply Control Timing
Table 2.19
HOCO Clock Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
HOCO clock oscillation frequency
fHOCO
15.84 (–1.0%)
16
16.16 (+1.0%)
MHz
–20°C ≤ Ta
17.82 (–1.0%)
18
18.18 (+1.0%)
19.80 (–1.0%)
20
20.20 (+1.0%)
15.76 (–1.5%)
16
16.24 (+1.5%)
Ta < –20°C
17.73 (–1.5%)
18
18.27 (+1.5%)
19.70 (–1.5%)
20
20.30 (+1.5%)
HOCO clock oscillation stabilization wait time
tHOCOWT
—
105
149
µs
Figure 2.8
HOCO clock power supply stabilization time
tHOCOP
—
—
150
µs
Figure 2.9
HOCO clock
HOCOCR.HCSTP
OSCOVFSR.HCOVF
tHOCOWT
High-speed on-chip
oscillator output
Internal power supply for
high-speed on-chip oscillator
HOCOPCR.HOCOPCNT
tHOCOP
HOCOCR.HCSTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com