Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 86Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 87Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 88Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 89Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 90Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 91Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 92Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 93Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 90 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. tPcyc refers to the period of PCLKB.
Note 2. Cb is the total capacitance of the bus lines.
Figure 2.38
Simple IIC Bus Interface Input/Output Timing
Table 2.32
Simple IIC Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.*1
Unit
Test Conditions
Simple IIC
(Standard-mode)
SSDA input rise time
tSr
—
1000
ns
Figure 2.38
SSDA input fall time
tSf
—
300
SSCL, SSDA input spike pulse removal time
tSP
04 × tPcyc
Data input setup time
tSDAS
250
—
Data input hold time
tSDAH
0—
SSCL, SSDA capacitive load
Cb*2
—
400
pF
Simple IIC
(Fast-mode)
SSDA input rise time
tSr
—
300
ns
SSDA input fall time
tSf
—
300
SSCL, SSDA input spike pulse removal time
tSP
04 × tPcyc
Data input setup time
tSDAS
100
—
Data input hold time
tSDAH
0—
SSCL, SSDA capacitive load
Cb*2
—
400
pF
SSDAn
(n = 1, 5, 6, and 12)
SSCLn
(n = 1, 5, 6, and 12)
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Test conditions
VIH = 0.7 × VCC, VIL = 0.3 × VCC
VOL = 0.6 V, IOL = 6 mA
VOL = 0.4 V, IOL = 3 mA
Sr*1
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com