Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 58Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 59Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 60Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 61Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 62Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 65Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 62 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. The input leakage current value at the EMLE pin is only when Vin = 0 V.
Table 2.5
DC Characteristics (2)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
High-level output
voltage
P40 to P47, P50 to P55, and P60
to P65
VOH
AVCC2 – 0.5
—
—
V
IOH = –1.0 mA
P90 to P95, P71 to P76, P81,
PB5, and PD3
VCC – 1.0
—
—
IOH = –5.0 mA
VCC < 4.0 V
(when the large
current output is set)
VCC – 1.1
—
—
IOH = –15.0 mA
VCC ≥ 4.0 V
(when the large
current output is set)
RI3C pins
VCC – 0.27
—
—
IOH = –3.0 mA
Other than above
Normal drive
VCC – 0.5
—
—
IOH = –1.0 mA
High drive
VCC – 0.5
—
—
IOH = –2.0 mA
Low-level output
voltage
P40 to P47, P50 to P55, and P60
to P65
VOL
——
0.5
V
IOL = 1.0 mA
P90 to P95, P71 to P76, P81,
PB5, and PD3
——
1.0
IOL = 15.0 mA
(when the large
current output is set)
RIIC pins
—
—
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RI3C pins
—
—
0.27
IOL = 3.0 mA
Other than above
Normal drive
—
—
0.5
IOL = 1.0 mA
High drive
—
—
0.5
IOL = 2.0 mA
Input leakage current RES#, MD pin, PE2, and EMLE*1
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
RIIC pins
| ITSI |
—
—
5.0
µA
Vin = 0 V
Vin = VCC
Other than above
—
—
1.0
Input pull-up resistors P40 to P47, P50 to P55, and P60
to P65
RPU
10
—
100
kΩ
AVCC2 = 3.0 to 5.5 V
Vin = 0 V
Pins other than those above and
PE2
10
—
100
VCC = 2.7 to 5.5 V
Vin = 0 V
Input pull-down
resistors
EMLE
RPD
10
—
100
kΩ
Vin = VCC = AVCC
Input capacitance
RIIC pins
Cin
—
—
16
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
Other than above
—
—
8
Output voltage of the VCL pin
VCL
—1.25
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com