Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 69Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 70Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 71Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 72Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 73Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 74Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 75Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 76Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 73 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.2
Clock Timing
Figure 2.4
EXTAL External Clock Input Timing
Note 1. When using a main clock, ask the manufacturer of the oscillator to evaluate its oscillation. Refer to the results of evaluation
provided by the manufacturer for the oscillation stabilization time.
Note 2. The number of cycles selected by the value of the MOSCWTCR.MSTS[7:0] bits determines the main clock oscillation
stabilization wait time in accord with the formula below.
tMAINOSCWT = [(MSTS[7:0] bits × 32) + 7] / fLOCO
Figure 2.5
Main Clock Oscillation Start Timing
Table 2.16
EXTAL Clock Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
EXTAL external clock input cycle time
tEXcyc
41.66
—
—
ns
Figure 2.4
EXTAL external clock input frequency
fEXMAIN
——
24
MHz
EXTAL external clock input high pulse width
tEXH
15.83
—
—
ns
EXTAL external clock input low pulse width
tEXL
15.83
—
—
ns
EXTAL external clock rising time
tEXr
——
5
ns
EXTAL external clock falling time
tEXf
——
5
ns
Table 2.17
Main Clock Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Main clock oscillation frequency
fMAIN
8—
24
MHz
Main clock oscillator stabilization time (crystal)
tMAINOSC
——
—*1
ms
Figure 2.5
Main clock oscillation stabilization wait time (crystal)
tMAINOSCWT
——
—*2
ms
tEXH
tEXcyc
EXTAL external clock input
0.5 × VCC
tEXL
tEXr
tEXf
Main clock oscillator output
MOSCCR.MOSTP
tMAINOSC
Main clock
tMAINOSCWT
OSCOVFSR.MOOVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com