Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 59Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 60Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 61Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 62Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 65Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 66Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 63 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. Supply current values are measured when all output pins are unloaded and all input pull-up resistors are disabled.
Note 2. Peripheral module clocks are supplied. This does not include operations as BGO (background operations).
Note 3. ICC depends on f (ICLK) as follows.
• D version product
ICC Max. = 0.417 × f + 16 (full operation in normal operating mode)
ICC Typ. = 0.144 × f + 5 (normal operation in normal operating mode)
ICC Max. = 0.167 × f + 16 (sleep mode)
• G version product
ICC Max. = 0.433 × f + 22 (full operation in normal operating mode)
ICC Typ. = 0.144 × f + 5 (normal operation in normal operating mode)
ICC Max. = 0.183 × f + 22 (sleep mode)
Note 4. This does not include operations as BGO (background operations). Whether the peripheral module clocks are supplied or
stopped is controlled only by the bit settings in the module stop control registers A to D.
Note 5. When peripheral module clocks are stopped, each clock frequency is set for division by 64, and the frequencies of FCLK,
PCLKA, PCLKB, PCLKC, and PCLKD are the same.
Note 6. This is an increase caused by program/erase operation to the code flash memory or data flash memory during executing the
user program.
Table 2.6
DC Characteristics (3) (Products with 64 Kbytes of RAM)
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
D version
G version
Unit
Test Conditions
Typ.
Max.
Typ.
Max.
Supply
current*1
Full operation*2
ICC*3
—
66
—
74
mA
ICLK = 120 MHz
PCLKA = 120 MHz
PCLKB = 60 MHz
PCLKC = 120 MHz
PCLKD = 60 MHz
FCLK = 60 MHz
Normal
operation
Peripheral module clocks are
supplied*4
22
—
22
—
Peripheral module clocks are
stopped*4, *5
11
—
11
—
CoreMark
Peripheral module clocks are
stopped*4, *5
18
—
18
—
Sleep mode: Peripheral module clocks are
supplied*4
18
36
18
44
All module clock stop mode (reference
value)
8.1
22
8.1
29
Increase current by BGO operation*6
16
—
16
—
Increase current by operating Trusted
Secure IP
4.3
5.2
4.3
5.2
Software standby mode
0.9
8
0.9
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com