Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 78Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 79Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 80Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 81Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 82Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 83Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 84Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 85Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 82 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.5.4
POE3
Note 1. tPBcyc: PCLKB cycle
Figure 2.18
POE Input Timing
Figure 2.19
Output Disable Time for POE in Response to Transition of the POEn# Signal Level
Table 2.26
POE3 Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Typ.
Max.
Unit*1
Test Conditions
POE
POEn# input pulse width
(n = 0, 4, and 8 to 12)
tPOEW
1.5
—
—
tPBcyc Figure 2.18
Output disable time
Transition of the POEn#
signal level
tPOEDI
—
—
5 PCLKB + 0.24
µs
Figure 2.19
When detecting falling edges
(ICSRm.POEnM[3:0] = 0000
(m = 1 to 8, n = 0, 4, 8 to 12))
Simultaneous conduction
of output pins
tPOEDO
—
—
3 PCLKB + 0.2
µs
Figure 2.20
Detection of comparator
outputs
tPOEDC
—
—
5 PCLKB + 0.2
µs
Figure 2.21
The time is that when the noise
filter for comparator C is not in
use (CMPCTL.CDFS[1:0] = 00)
and excludes the time for
detection by comparator C.
Register setting
tPOEDS
—
—
1 PCLKB + 0.2
µs
Figure 2.22
Time for access to the register is
not included.
Oscillation stop detection
tPOEDOS
—
—
21
µs
Figure 2.23
POEn# input
(n = 0, 4, 8 to 12)
PCLKB
tPOEW
POEn# input
(n = 0, 4, 8 to 12)
MTU PWM output pins
GPTW PWM output pins
Outputs disabled
tPOEW
tPOEDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com