Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 90Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 91Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 92Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 93Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 94Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 95Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 96Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 97Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 94 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.5.10
RSCI
Note 1. tPcyc refers to the period of PCLKB in RSCI8 and RSCI9, and of PCLKA in RSCI11.
Figure 2.44
SCK Clock Input Timing
Table 2.34
RSCI Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit*1
Test Conditions
RSCI
Input clock cycle
Asynchronous
tScyc
4
—
tPcyc
Figure 2.44
Clock
synchronous
2—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—5
ns
Input clock fall time
tSCKf
—5
ns
Output clock cycle
Asynchronous
tScyc
6—
tPcyc
Clock
synchronous
2—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—5
ns
Output clock fall time
tSCKf
—5
ns
Receive data setup time
Master
tRXS
–1.5
—
ns
VCC ≥ 4.5 V
Figure 2.45
3.5
—
VCC < 4.5 V
Slave
2.5
—
Figure 2.45
Receive data hold time
Master
tRXH
11
—
ns
Slave
2.5
—
Transmit data delay time
Master
tTXD
—4
ns
Slave
—
17
VCC ≥ 4.5 V
Figure 2.45
—
22
VCC < 4.5 V
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 008, 009, and 011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com