Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TBAGFM Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F526TBAGFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBAGFM Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F526TBAGFM Datasheet HTML 93Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 94Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 95Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 96Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 97Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 98Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 99Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 100Page - Renesas Technology Corp R5F526TBAGFM Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 97 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Note 1. tPcyc refers to the period of PCLKB in RSCI8 and RSCI9, and of PCLKA in RSCI11.
Figure 2.47
Simple SPI Clock Timing
Table 2.36
Simple SPI Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit*1
Test Conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
2—
tPcyc
Figure 2.47
SCK clock cycle input (slave)
2
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise/fall time
Output
tSPCKr, tSPCKf
—5
ns
Input
—
1
µs
Data input setup time
Master
tSU
0.5
—
ns
Figure 2.48 to Figure 2.51
Slave
2.5
—
Data input hold time
Master
tH
11
—
ns
Slave
2.5
—
Data output delay time
Master
tOD
—
4
ns
Figure 2.48 to Figure 2.51
Slave
—
17
VCC ≥ 4.5V Figure 2.48 to
Figure 2.51
—
22
VCC < 4.5V
Data output hold time
Master
tOH
–1
—
ns
Figure 2.48 to Figure 2.51
Slave
0
—
Data rise/fall time
Output
tDr, tDf
—5
ns
Input
—
1
—
Slave access time
tSA
—5
tPcyc
Figure 2.50, Figure 2.51
Slave output release time
tREL
—5
tPcyc
SS input setup time
tLEAD
1—
tSPcyc
Figure 2.48 to Figure 2.51
SS input hold time
tLAG
1—
tSPcyc
SS input rise/fall time
tSSLr, tSSLf
—1
µs
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
(n = 008, 009, and 011)
SCKn output
(master)
SCKn input
(slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com